Part Number Hot Search : 
DS21448L 20240 FDD5680 AD830 AHCGN AD521SD 2E08B 15266
Product Description
Full Text Search
 

To Download RL152GPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED
JUNCTION PLASTIC RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.5 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * High reliability * Low cost * Low leakage * Low forward voltage drop * High current capability * Glass passivated junction
RL151GPT THRU RL157GPT
DO-15
0.034(0.9) DIA. 0.028(0.7) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.38 gram
0.300(7.6) 0.230(5.8)
0.140(3.6) DIA. 0.104(2.6)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-15
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 C Peak Forward Surge Current 8.3 ms single half sine-wave IFSM superimposed on rated load (JEDEC method) Typical Junction Capacitance ( Note ) Typical Thermal Resistance Operating and Storage Temperature Range CJ R
JA
o
SYMBOL VRRM VRMS VDC IO
RL151GPT
RL152GPT
RL153GPT
RL154GPT
RL155GPT
RL156GPT
RL157GPT
50 35 50
100 70 100
200 140 200
400 280 400 1.5
600 420 600
800 560 800
1000 700 1000
60 20 50 -65 to +175
Amps pF
o
C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.5 A DC Maximum Reverse Current at rated DC blocking Voltage per leg @ TA = 25oC @ TA = 100oC IR SYMBOL VF
RL151GPT RL152GPT RL153GPT RL154GPT RL155GPT RL156GPT RL157GPT
UNITS Volts uAmps uAmps uAmps 2001-6
1.1 5.0 50 30
Maximum Full Load Reverse Current Average, Full Cycle 0.375" (9.5mm) lead length at TL = 75oC NOTES : Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
RATING CHARACTERISTIC CURVES ( RL151GPT THRU RL157GPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, ( A ) AVERAGE FORWARD CURRENT, (A) 2.1 1.8 1.5 1.2 0.9 0.3 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( oC ) 200
Single Half Wave 60HZ Resistive or Inductive Load
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 70 60 50 40 30 20 10 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 20 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Pulse Width = 300uS 1% Duty Cycle
10
3.0
1.0 0.3
1.0
TJ =100oC
TJ =25oC
0.1
.1
.03
TJ =25 C
o
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.01 0 .2 .4 .6 .8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE, ( V )
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, ( pF ) 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC


▲Up To Search▲   

 
Price & Availability of RL152GPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X